Part Number Hot Search : 
2SD26621 CCL0300 HSP1635A LPD6803 MA06342 BUD700D 2SD96 74AC1
Product Description
Full Text Search
 

To Download EKMQ350VSN562MP25S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KMQ SERIES
KMQ Series
Snap Mount Downsize Large Capacitance RoHS Compliant 105 C Maximum Temperature
Engineering Bulletin Mar 07
SNAP MOUNT 105 C
KMQ
The KMQ series is a snap-in capacitor series that offers downsized versions of the current miniaturized KMM series. These capacitors have a rated lifetime of 2,000 hours at 105 C with the rated ripple current applied. With high ripple current capability and higher CV per case size than the KMM series, the KMQ capacitors are suitable for many downsized power supply circuits. The standard KMQ capacitors have a 2-pin snap-in terminal style. The KMQ series is RoHS compliant offering Pb -free construction and PET (polyester) sleeves with no end disk as the standard. The standard KMQ series capacitors are not solvent proof. Refer to guidelines and precautions on the website for usage and installation conditions recommended for United Chemi-Con products.
Summary of Specifications
PC board 2-pin snap-in terminals. Capacitance range: 68 to 33,000F. Voltage range: 35, 50, 160 to 450VDC. Category temperature range: 40 C to 105 C for 35V and 50V; for 160 to 450V. Leakage current: 3 CV (A) maximum after 5 minutes at 20 C.
25 C to 105 C
Standard capacitance tolerance: 20% Nominal case size (D L): 22 25mm to 35 50mm. Rated lifetime: 2,000 hours at 105 C with the rated ripple current applied.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
1/8
KMQ Series
KMQ Specifications - Snap Mount
Item Category Temperature Range Rated Voltage Range Capacitance Range Capacitance Tolerance Leakage Current 40 to 105 C for 35 and 50VDC; 35, 50, 160 to 450VDC 68 to 33,000 F 20% ( M ) at 20 C, 120Hz 20 C. Characteristics
Engineering Bulletin Mar 07
25 to 105 C for 160 to 450VDC
I 3 CV ( A ) after 5 minutes at At 20 C, 120Hz
35 <10,000 0.30
Where I = Max. leakage current ( A ), C = Nominal capacitance ( F ) and V = Rated voltage ( V ) Dissipation Factor ( Tan )
Rated Voltage ( V ) Capacitance ( F ) Tan ( DF ) Max.
50 10,000 0.35 <10,000 0.25 10,000 0.30
160 - 250 -- 0.15
315 - 400 -- 0.15
420, 450 -- 0.20
Low Temperature Characteristics
At 120Hz, impedance ( Z ) ratio between the exceed the values given below.
Rated Voltage ( V ) Z ( 25 C ) / Z ( 20 C ) Z ( 40 C ) / Z ( 20 C ) 35, 50 10 4 160 - 250 4 --
25 C or
315 - 400 8 --
40 C value and
420, 450 8 --
20 C value shall not
Rated Ripple Current Multipliers
Frequency (Hz )
DC Rated Voltage 50Hz 0.95 0.81 0.77 120Hz 1.00 1.00 1.00 300Hz 1.03 1.17 1.16 1kHz 1.05 1.32 1.30 10kHz 1.08 1.45 1.41 50kHz 1.08 1.50 1.43
SNAP MOUNT 105 C
35V, 50V 160 - 250V 315 - 450V
KMQ
Endurance (Load Life)
The following specifications shall be satisfied when the capacitors are restored to 20 C after subjecting them to DC voltage for 2,000 hours at 105 C with the rated ripple current applied. The sum of the DC voltage and peak AC voltage must not exceed the full rated voltage of the capacitors. Capacitance change: 20% of initial measured value Tan ( DF ) : 200% of initial specified value Leakage current : initial specified value
Shelf Life
The following specifications shall be satisfied when the capacitors are restored to 20 C after exposing them for 1,000 hours at 105 C without voltage applied. The rated voltage shall be applied to the capacitors for a minimum of 30 minutes, at least 24 hours and not more than 48 hours before the measurements. Capacitance change: 15% of initial measured value Tan ( DF ) : 150% of initial specified value Leakage current : initial specified value
Diagram of Dimensions - Snap Mount
Snap Mount
Type VSN O22~O35
PET Sleeve See Pin Detail PC board pin-out
Unit: mm
VS Pin Dimensions
W2
10 2-2x
W1 Edge of can
D1
P
* Vent
L
2
W
Standard design does not have a plastic end disk. Type VSN P 4.0 0.5 1.5 W 0.2 W1 1.0 W2 1.0
*Vent may be located either on the bottom or side of the can.
2 /8
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
KMQ Series
Part Numbering System for KMQ Series
18 Fields
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18
Engineering Bulletin Mar 07
When ordering, always specify complete 18-field global part number.
E KMQ 1 8 1 V S N 1 5 2 MA 3 0 S
9
8
7
6
5
4
3
2
1
Supplement Code. Field 18. All construction options listed have Sn100% terminal plating. S = PET sleeve without end disk. W = PET sleeve with end disk. Case Size. Fields 15, 16 and 17. The single letter diameter code is inserted in field 15. P = O22mm Q = O25.4mm R = O30mm A = O35mm The double digit length code is inserted in fields 16 and 17. 25 = 25mm 30 = 30mm 35 = 35mm 40 = 40mm 45 = 45mm 50 = 50mm Capacitance Tolerance. Field 14. M = 20% Capacitance. Fields 11, 12 and 13. Expressed in Microfarads. The first two digits are significant figures inserted in fields 11 and 12, and the third digit inserted in field 13 indicates the number of zeros for capacitance of 10 F or more. R indicates the decimal point for capacitance less than 10 F (e.g. 1R5 = 1.5 F; 150 = 15 F; 151 = 150 F; 152 = 1,500 F; 153 = 15,000 F ). Dummy Terminals. Field 10. N = No dummy terminals. Terminal Type. Fields 8 and 9. VS = Snap-in pins. DC Rated Voltage. Fields 5, 6 and 7. Expressed in Volts. The first two digits are significant figures inserted in fields 5 and 6, and the third digit inserted in field 7 indicates the number of zeros for rated voltage of 10VDC or more. R indicates the decimal point for rated voltage less than 10VDC (e.g. 1R8 = 1.8VDC; 180 = 18VDC; 181 = 180VDC). Rule Exception: Coding for rated voltage 315VDC = 3B1. Series Name. Fields 2, 3 and 4. Enter the 3-letter/digit series name in fields 2, 3 and 4. If the series name is only 2 letters/digits, place a dash in field 4. For a series name with more than 3 letters/digits, refer to the individual series for the appropriate 3-field series name. Capacitor Type. Field 1. Aluminum Electrolytic Capacitor (Polar).
SNAP MOUNT 105 C
KMQ
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
3 /8
KMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 105 C, 120Hz
1.87 2.04 2.36 2.65 3.0 3.47 2.0 2.21 2.49 2.88 3.15 3.61 4.14 2.62 2.9 3.25 3.78 4.3 5.0 3.2 3.6 4.1 4.64 5.37 6.0 1.65 1.92 2.08 2.43 2.63 3.05 1.76 2.04 2.5 2.61 2.94 3.6 4.0 2.29 2.8 3.3 3.6 4.0 4.29 2.77 3.6 4.0 4.37 4.5 5.3 1.4 1.5 1.7 2.0 2.2 1.7 2.0
35 Volts
44 Volts Surge
SNAP MOUNT 105 C
4,700 5,600 6,800 8,200 10,000 12,000 5,600 6,800 8,200 10,000 12,000 15,000 18,000 8,200 10,000 12,000 15,000 18,000 22,000 12,000 15,000 18,000 22,000 27,000 33,000 2,700 3,300 3,900 4,700 5,600 6,800 3,300 3,900 4,700 5,600 6,800 8,200 10,000 4,700 5,600 6,800 8,200 10,000 12,000 6,800 8,200 10,000 12,000 15,000 18,000 470 560 680 820 1,000 680 820
EKMQ350VSN472MP25S EKMQ350VSN562MP25S EKMQ350VSN682MP30S EKMQ350VSN822MP35S EKMQ350VSN103MP40S EKMQ350VSN123MP50S EKMQ350VSN562MQ25S EKMQ350VSN682MQ25S EKMQ350VSN822MQ30S EKMQ350VSN103MQ35S EKMQ350VSN123MQ35S EKMQ350VSN153MQ40S EKMQ350VSN183MQ50S EKMQ350VSN822MR25S EKMQ350VSN103MR25S EKMQ350VSN123MR30S EKMQ350VSN153MR35S EKMQ350VSN183MR40S EKMQ350VSN223MR50S EKMQ350VSN123MA25S EKMQ350VSN153MA25S EKMQ350VSN183MA30S EKMQ350VSN223MA35S EKMQ350VSN273MA40S EKMQ350VSN333MA50S EKMQ500VSN272MP25S EKMQ500VSN332MP30S EKMQ500VSN392MP30S EKMQ500VSN472MP35S EKMQ500VSN562MP40S EKMQ500VSN682MP50S EKMQ500VSN332MQ25S EKMQ500VSN392MQ25S EKMQ500VSN472MQ30S EKMQ500VSN562MQ35S EKMQ500VSN682MQ40S EKMQ500VSN822MQ45S EKMQ500VSN103MQ50S EKMQ500VSN472MR25S EKMQ500VSN562MR25S EKMQ500VSN682MR30S EKMQ500VSN822MR35S EKMQ500VSN103MR40S EKMQ500VSN123MR50S EKMQ500VSN682MA25S EKMQ500VSN822MA30S EKMQ500VSN103MA30S EKMQ500VSN123MA35S EKMQ500VSN153MA40S EKMQ500VSN183MA50S EKMQ161VSN471MP25S EKMQ161VSN561MP30S EKMQ161VSN681MP30S EKMQ161VSN821MP35S EKMQ161VSN102MP40S EKMQ161VSN681MQ25S EKMQ161VSN821MQ30S
22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 25.4 25.4
25 25 30 35 40 50 25 25 30 35 35 40 50 25 25 30 35 40 50 25 25 30 35 40 50 25 30 30 35 40 50 25 25 30 35 40 45 50 25 25 30 35 40 50 25 30 30 35 40 50 25 30 30 35 40 25 30
P25 P25 P30 P35 P40 P50 Q25 Q25 Q30 Q35 Q35 Q40 Q50 R25 R25 R30 R35 R40 R50 A25 A25 A30 A35 A40 A50 P25 P30 P30 P35 P40 P50 Q25 Q25 Q30 Q35 Q40 Q45 Q50 R25 R25 R30 R35 R40 R50 A25 A30 A30 A35 A40 A50 P25 P30 P30 P35 P40 Q25 Q30
0.106 0.089 0.073 0.061 0.058 0.048 0.089 0.073 0.061 0.058 0.048 0.039 0.032 0.061 0.058 0.048 0.039 0.032 0.026 0.048 0.039 0.032 0.026 0.021 0.018 0.153 0.126 0.106 0.089 0.074 0.061 0.126 0.106 0.089 0.074 0.061 0.051 0.050 0.089 0.074 0.061 0.051 0.050 0.041 0.061 0.051 0.050 0.041 0.033 0.028 0.529 0.444 0.366 0.303 0.249 0.366 0.303
KMQ
50 Volts
63 Volts Surge
160 Volts
200 Volts Surge
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
4 /8
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
KMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 105 C, 120Hz
2.2 2.3 2.5 2.7 2.0 2.2 2.3 2.5 2.7 2.9 3.1 2.3 2.5 2.7 2.9 3.1 3.3 1.3 1.4 1.5 1.7 2.0 2.2 1.5 1.7 2.0 2.2 2.3 2.5 2.0 2.2 2.3 2.5 2.7 2.9 2.2 2.3 2.5 2.7 2.9 3.1 1.31 1.45 1.67 1.75 2.04 2.3 1.67 1.75 2.04 2.3 2.65 2.04 2.3 2.65
160 Volts
200 Volts Surge
1,000 1,200 1,500 1,800 820 1,000 1,200 1,500 1,800 2,200 2,700 1,200 1,500 1,800 2,200 2,700 3,300 390 470 560 680 820 1,000 560 680 820 1,000 1,200 1,500 820 1,000 1,200 1,500 1,800 2,200 1,000 1,200 1,500 1,800 2,200 2,700 390 470 560 680 820 1,000 560 680 820 1,000 1,200 820 1,000 1,200
EKMQ161VSN102MQ35S EKMQ161VSN122MQ40S EKMQ161VSN152MQ45S EKMQ161VSN182MQ50S EKMQ161VSN821MR25S EKMQ161VSN102MR25S EKMQ161VSN122MR30S EKMQ161VSN152MR35S EKMQ161VSN182MR40S EKMQ161VSN222MR45S EKMQ161VSN272MR50S EKMQ161VSN122MA25S EKMQ161VSN152MA30S EKMQ161VSN182MA30S EKMQ161VSN222MA35S EKMQ161VSN272MA40S EKMQ161VSN332MA50S EKMQ181VSN391MP25S EKMQ181VSN471MP30S EKMQ181VSN561MP30S EKMQ181VSN681MP35S EKMQ181VSN821MP40S EKMQ181VSN102MP45S EKMQ181VSN561MQ25S EKMQ181VSN681MQ30S EKMQ181VSN821MQ30S EKMQ181VSN102MQ40S EKMQ181VSN122MQ45S EKMQ181VSN152MQ50S EKMQ181VSN821MR25S EKMQ181VSN102MR30S EKMQ181VSN122MR35S EKMQ181VSN152MR40S EKMQ181VSN182MR45S EKMQ181VSN222MR50S EKMQ181VSN102MA25S EKMQ181VSN122MA30S EKMQ181VSN152MA30S EKMQ181VSN182MA35S EKMQ181VSN222MA40S EKMQ181VSN272MA50S EKMQ201VSN391MP25S EKMQ201VSN471MP30S EKMQ201VSN561MP30S EKMQ201VSN681MP40S EKMQ201VSN821MP45S EKMQ201VSN102MP50S EKMQ201VSN561MQ25S EKMQ201VSN681MQ30S EKMQ201VSN821MQ35S EKMQ201VSN102MQ45S EKMQ201VSN122MQ50S EKMQ201VSN821MR25S EKMQ201VSN102MR30S EKMQ201VSN122MR35S
25.4 25.4 25.4 25.4 30 30 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 30 30 30
35 40 45 50 25 25 30 35 40 45 50 25 30 30 35 40 50 25 30 30 35 40 45 25 30 30 40 45 50 25 30 35 40 45 50 25 30 30 35 40 50 25 30 30 40 45 50 25 30 35 45 50 25 30 35
Q35 Q40 Q45 Q50 R25 R25 R30 R35 R40 R45 R50 A25 A30 A30 A35 A40 A50 P25 P30 P30 P35 P40 P45 Q25 Q30 Q30 Q40 Q45 Q50 R25 R30 R35 R40 R45 R50 A25 A30 A30 A35 A40 A50 P25 P30 P30 P40 P45 P50 Q25 Q30 Q35 Q45 Q50 R25 R30 R35
0.249 0.207 0.166 0.138 0.303 0.249 0.207 0.166 0.138 0.113 0.092 0.207 0.166 0.138 0.113 0.092 0.075 0.638 0.529 0.444 0.366 0.303 0.249 0.444 0.366 0.303 0.249 0.207 0.166 0.303 0.249 0.207 0.166 0.138 0.113 0.249 0.207 0.166 0.138 0.113 0.092 0.638 0.529 0.444 0.366 0.303 0.249 0.444 0.366 0.303 0.249 0.207 0.303 0.249 0.207
SNAP MOUNT 105 C
KMQ
180 Volts
225 Volts Surge
200 Volts
250 Volts Surge
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
5 /8
KMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 105 C, 120Hz
2.8 3.08 2.3 2.65 2.8 3.08 3.48 1.0 1.1 1.2 1.3 1.4 1.5 1.7 1.2 1.3 1.4 1.5 1.7 2.0 1.4 1.5 1.7 2.0 2.2 2.3 1.7 2.0 2.2 2.3 2.5 2.7 0.82 0.9 1.0 1.1 1.2 1.3 1.0 1.1 1.2 1.3 1.4 1.5 1.2 1.3 1.4 1.5 1.7 2.0 1.3 1.4 1.5 1.7 2.0 2.3
200 Volts
250 Volts Surge
1,500 1,800 1,000 1,200 1,500 1,800 2,200 220 270 330 390 470 560 680 330 390 470 560 680 820 470 560 680 820 1,000 1,200 680 820 1,000 1,200 1,500 1,800 150 180 220 270 330 390 220 270 330 390 470 560 330 390 470 560 680 820 390 470 560 680 820 1,000
EKMQ201VSN152MR40S EKMQ201VSN182MR45S EKMQ201VSN102MA25S EKMQ201VSN122MA30S EKMQ201VSN152MA30S EKMQ201VSN182MA40S EKMQ201VSN222MA45S EKMQ251VSN221MP25S EKMQ251VSN271MP25S EKMQ251VSN331MP30S EKMQ251VSN391MP35S EKMQ251VSN471MP40S EKMQ251VSN561MP45S EKMQ251VSN681MP50S EKMQ251VSN331MQ25S EKMQ251VSN391MQ25S EKMQ251VSN471MQ30S EKMQ251VSN561MQ35S EKMQ251VSN681MQ40S EKMQ251VSN821MQ45S EKMQ251VSN471MR25S EKMQ251VSN561MR25S EKMQ251VSN681MR30S EKMQ251VSN821MR35S EKMQ251VSN102MR40S EKMQ251VSN122MR45S EKMQ251VSN681MA25S EKMQ251VSN821MA30S EKMQ251VSN102MA30S EKMQ251VSN122MA35S EKMQ251VSN152MA45S EKMQ251VSN182MA50S EKMQ3B1VSN151MP25S EKMQ3B1VSN181MP30S EKMQ3B1VSN221MP30S EKMQ3B1VSN271MP35S EKMQ3B1VSN331MP45S EKMQ3B1VSN391MP45S EKMQ3B1VSN221MQ25S EKMQ3B1VSN271MQ30S EKMQ3B1VSN331MQ35S EKMQ3B1VSN391MQ40S EKMQ3B1VSN471MQ45S EKMQ3B1VSN561MQ50S EKMQ3B1VSN331MR25S EKMQ3B1VSN391MR30S EKMQ3B1VSN471MR35S EKMQ3B1VSN561MR40S EKMQ3B1VSN681MR45S EKMQ3B1VSN821MR50S EKMQ3B1VSN391MA25S EKMQ3B1VSN471MA25S EKMQ3B1VSN561MA30S EKMQ3B1VSN681MA35S EKMQ3B1VSN821MA40S EKMQ3B1VSN102MA45S
30 30 35 35 35 35 35 22 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 35
40 45 25 30 30 40 45 25 25 30 35 40 45 50 25 25 30 35 40 45 25 25 30 35 40 45 25 30 30 35 45 50 25 30 30 35 45 45 25 30 35 40 45 50 25 30 35 40 45 50 25 25 30 35 40 45
R40 R45 A25 A30 A30 A40 A45 P25 P25 P30 P35 P40 P45 P50 Q25 Q25 Q30 Q35 Q40 Q45 R25 R25 R30 R35 R40 R45 A25 A30 A30 A35 A45 A50 P25 P30 P30 P35 P45 P45 Q25 Q30 Q35 Q40 Q45 Q50 R25 R30 R35 R40 R45 R50 A25 A25 A30 A35 A40 A45
0.166 0.138 0.249 0.207 0.166 0.138 0.113 1.13 0.921 0.754 0.638 0.529 0.444 0.366 0.754 0.638 0.529 0.444 0.366 0.303 0.529 0.444 0.366 0.303 0.249 0.207 0.366 0.303 0.249 0.207 0.166 0.138 1.658 1.382 1.13 0.921 0.754 0.638 1.13 0.921 0.754 0.638 0.529 0.444 0.754 0.638 0.529 0.444 0.366 0.303 0.638 0.529 0.444 0.366 0.303 0.249
250 Volts
300 Volts Surge
SNAP MOUNT 105 C
KMQ
315 Volts
365 Volts Surge
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
6 /8
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
KMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 105 C, 120Hz
0.75 0.82 0.9 1.0 1.1 1.2 0.9 1.0 1.1 1.2 1.3 1.4 1.1 1.2 1.3 1.4 1.5 1.7 1.4 1.5 1.7 1.9
350 Volts
400 Volts Surge
120 150 180 220 270 330 180 220 270 330 390 470 270 330 390 470 560 680 470 560 680 820 100 120 150 180 220 270 150 180 220 270 330 390 220 270 330 390 470 560 270 330 390 470 560 680 82 100 120 150 180 220 100 120 150 180 220
EKMQ351VSN121MP25S EKMQ351VSN151MP30S EKMQ351VSN181MP30S EKMQ351VSN221MP35S EKMQ351VSN271MP40S EKMQ351VSN331MP45S EKMQ351VSN181MQ25S EKMQ351VSN221MQ30S EKMQ351VSN271MQ30S EKMQ351VSN331MQ40S EKMQ351VSN391MQ45S EKMQ351VSN471MQ50S EKMQ351VSN271MR25S EKMQ351VSN331MR30S EKMQ351VSN391MR35S EKMQ351VSN471MR35S EKMQ351VSN561MR45S EKMQ351VSN681MR50S EKMQ351VSN471MA30S EKMQ351VSN561MA35S EKMQ351VSN681MA40S EKMQ351VSN821MA45S EKMQ401VSN101MP25S EKMQ401VSN121MP30S EKMQ401VSN151MP30S EKMQ401VSN181MP35S EKMQ401VSN221MP45S EKMQ401VSN271MP50S EKMQ401VSN151MQ25S EKMQ401VSN181MQ30S EKMQ401VSN221MQ35S EKMQ401VSN271MQ40S EKMQ401VSN331MQ45S EKMQ401VSN391MQ50S EKMQ401VSN221MR25S EKMQ401VSN271MR30S EKMQ401VSN331MR35S EKMQ401VSN391MR40S EKMQ401VSN471MR45S EKMQ401VSN561MR50S EKMQ401VSN271MA25S EKMQ401VSN331MA30S EKMQ401VSN391MA30S EKMQ401VSN471MA35S EKMQ401VSN561MA40S EKMQ401VSN681MA45S EKMQ421VSN820MP25S EKMQ421VSN101MP25S EKMQ421VSN121MP30S EKMQ421VSN151MP35S EKMQ421VSN181MP40S EKMQ421VSN221MP45S EKMQ421VSN101MQ25S EKMQ421VSN121MQ25S EKMQ421VSN151MQ30S EKMQ421VSN181MQ30S EKMQ421VSN221MQ35S
22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4
25 30 30 35 40 45 25 30 30 40 45 50 25 30 35 35 45 50 30 35 40 45 25 30 30 35 45 50 25 30 35 40 45 50 25 30 35 40 45 50 25 30 30 35 40 45 25 25 30 35 40 45 25 25 30 30 35
P25 P30 P30 P35 P40 P45 Q25 Q30 Q30 Q40 Q45 Q50 R25 R30 R35 R35 R45 R50 A30 A35 A40 A45 P25 P30 P30 P35 P45 P50 Q25 Q30 Q35 Q40 Q45 Q50 R25 R30 R35 R40 R45 R50 A25 A30 A30 A35 A40 A45 P25 P25 P30 P35 P40 P45 Q25 Q25 Q30 Q30 Q35
2.072 1.658 1.382 1.13 0.921 0.754 1.382 1.13 0.921 0.754 0.638 0.529 0.921 0.754 0.638 0.529 0.444 0.366 0.529 0.444 0.366 0.303 2.487 2.072 1.658 1.382 1.13 0.921 1.658 1.382 1.13 0.921 0.754 0.638 1.13 0.921 0.754 0.638 0.529 0.444 0.921 0.754 0.638 0.529 0.444 0.366 4.043 3.315 2.763 2.21 1.842 1.507 4.043 2.763 2.21 1.842 1.507
SNAP MOUNT 105 C
400 Volts
450 Volts Surge
0.7 0.75 0.88 0.95 1.1 1.22 0.88 0.95 1.1 1.22 1.44 1.55 1.1 1.22 1.44 1.55 1.68 1.9 1.22 1.44 1.55 1.68 1.9 2.12 0.64 0.66 0.81 0.84 0.91 1.05 0.66 0.81 0.84 0.91 1.05
KMQ
420 Volts
470 Volts Surge
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com
7/8
KMQ Series
Standard Voltage Ratings - Snap Mount
Rated Voltage (WVDC) Capacitance (F ) Global Part Number Nominal Case Size* D L ( mm ) Case Size Code
Engineering Bulletin Mar 07
Maximum ESR ( ) at 20 C, 120Hz
Rated Ripple Current (A rms) at 105 C, 120Hz
1.25 1.42 0.84 0.91 1.05 1.25 1.42 1.61 1.86 1.05 1.25 1.42 1.61 1.86 2.1 2.2 0.5 0.56 0.64 0.72 0.79 0.87 0.64 0.72 0.79 0.87 1.0 1.19 0.79 0.87 1.0 1.19 1.38 1.55 1.0 1.19 1.38 1.55 1.74 1.9
420 Volts
470 Volts Surge
270 330 150 180 220 270 330 390 470 220 270 330 390 470 560 680 68 82 100 120 150 180 100 120 150 180 220 270 150 180 220 270 330 390 220 270 330 390 470 560
EKMQ421VSN271MQ40S EKMQ421VSN331MQ50S EKMQ421VSN151MR25S EKMQ421VSN181MR25S EKMQ421VSN221MR30S EKMQ421VSN271MR30S EKMQ421VSN331MR35S EKMQ421VSN391MR40S EKMQ421VSN471MR45S EKMQ421VSN221MA25S EKMQ421VSN271MA25S EKMQ421VSN331MA30S EKMQ421VSN391MA35S EKMQ421VSN471MA40S EKMQ421VSN561MA45S EKMQ421VSN681MA50S EKMQ451VSN680MP25S EKMQ451VSN820MP30S EKMQ451VSN101MP30S EKMQ451VSN121MP35S EKMQ451VSN151MP40S EKMQ451VSN181MP45S EKMQ451VSN101MQ25S EKMQ451VSN121MQ30S EKMQ451VSN151MQ30S EKMQ451VSN181MQ40S EKMQ451VSN221MQ45S EKMQ451VSN271MQ50S EKMQ451VSN151MR25S EKMQ451VSN181MR30S EKMQ451VSN221MR30S EKMQ451VSN271MR40S EKMQ451VSN331MR45S EKMQ451VSN391MR50S EKMQ451VSN221MA25S EKMQ451VSN271MA30S EKMQ451VSN331MA35S EKMQ451VSN391MA40S EKMQ451VSN471MA45S EKMQ451VSN561MA50S
25.4 25.4 30 30 30 30 30 30 30 35 35 35 35 35 35 35 22 22 22 22 22 22 25.4 25.4 25.4 25.4 25.4 25.4 30 30 30 30 30 30 35 35 35 35 35 35
40 50 25 25 30 30 35 40 45 25 25 30 35 40 45 50 25 30 30 35 40 45 25 30 30 40 45 50 25 30 30 40 45 50 25 30 35 40 45 50
Q40 Q50 R25 R25 R30 R30 R35 R40 R45 A25 A25 A30 A35 A40 A45 A50 P25 P30 P30 P35 P40 P45 Q25 Q30 Q30 Q40 Q45 Q50 R25 R30 R30 R40 R45 R50 A25 A30 A35 A40 A45 A50
1.228 1.005 2.21 1.842 1.507 1.228 1.005 0.85 0.705 1.507 1.228 1.005 0.85 0.705 0.592 0.488 4.876 4.043 3.315 2.763 2.21 1.842 3.316 2.763 2.21 1.842 1.507 1.228 2.21 1.842 1.507 1.228 1.005 0.85 1.507 1.228 1.005 0.85 0.705 0.592
SNAP MOUNT 105 C
KMQ
450 Volts
500 Volts Surge
For construction options, refer to the part numbering system for descriptions and codes. * Refer to diagram of dimensions for detailed case size specifications.
8 /8
United Chemi-Con, Inc. 9801 W. Higgins Road, Rosemont, IL 60018 Tel 847-696-2000 Fax 847-696-9278 www.chemi-con.com


▲Up To Search▲   

 
Price & Availability of EKMQ350VSN562MP25S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X